PART |
Description |
Maker |
IRG5K100HF12B |
1200V 100A Fast IGBT Half-Bridge module packaged in POWIR 62 package
|
International Rectifier
|
SD103NSERIES 2610 SD103N SD103N16S15PV SD103N25S20 |
1200V Fast Recovery Diode in a DO-205AC (DO-30) package 2500V Fast Recovery Diode in a DO-205AC (DO-30) package 1600V Fast Recovery Diode in a DO-205AC (DO-30) package From old datasheet system FAST RECOVERY DIODES Stud Version
|
International Rectifier
|
SDR803RTXV SDR804RTXV SDR805RTXV SDR806RTXV SDR807 |
100A, 60nsec, 50-1100 V Ultra Fast Recovery Rectifier
|
Solid States Devices, Inc
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
10ETF12FP 10ETF10FP |
1200V Fast Recovery Diode in a TO-220 FullPak package 1000V Fast Recovery Diode in a TO-220 FullPak package FAST SOFT RECOVERY RECTIFIER DIODE
|
IRF[International Rectifier]
|
SD823C12S20C SD823C12S30C |
1200V Fast Recovery Diode in a B-43 (E-Puk) package
|
International Rectifier
|
FFA10U120DN FFA10U120DNTU |
10A/1200V Ultra Fast Recovery Rectifier ULTRA FAST RECOVERY POWER RECTIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|
FFAF10U120DN FFAF10U120DNTU |
10A/1200V Ultra Fast Recovery Rectifier ULTRA FAST RECOVERY POWER RECTIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|
FFAF15U120DN FFAF15U120DNTU FAIRCHILDSEMICONDUCTOR |
ULTRA FAST RECOVERY POWER RECTIFIER 15A/1200V Ultra Fast Recovery Rectifier
|
FAIRCHILD[Fairchild Semiconductor]
|
FFB05U120S FFB05U120STM |
5.0A/1200V Ultra Fast Recovery Rectifier ULTRA FAST RECOVERY POWER RECTIFIER High voltage and high reliability
|
FAIRCHILD[Fairchild Semiconductor]
|
FFAF05U120DN FFAF05U120DNTU |
5.0A/1200V Ultra Fast Recovery Rectifier ULTRA FAST RECOVERY POWER RECTIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|
74F38SJ 74F38SC 74F38PC 74F38 74F38S 54F38LMQB |
RECTIFIER FAST-RECOVERY SINGLE 3A 200V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMB 3K/REEL-13 F/FAST SERIES, QUAD 2-INPUT NAND GATE, PDIP14 Quad Two-Input NAND Buffer (Open Collector)
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|